Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download PRC200101K101MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 california micro devices corp. all rights reserved. 7/14/2000 1 prc200/210 california micro devices 215 topaz street, milpitas, california 95035 tel: (408) 263-3214 fax: (408) 263-7846 www.calmicro.com emi/rfi t-filter features ? suitable for i/o interface cards  stable resistor-capacitor network  no signal delays  8 emi/rfi protection lines/package  saves board space and component cost product description camd?s prc200/210 tapped filter is specifically designed to suppress emi/rfi noise at i/o ports of personal computers and engineering workstations, local area network (lan), asynchronous transfer mode (atm), wide area network (wan), and peripheral accessories. this integrated thin film resistor capacitor network is available in miniature surface mount pack- ages which minimizes space and routing problems and improves reliability and yields. why thin film emi/rfi filters? emi/rfi filters are needed to suppress noise at low and high frequencies of the signal. ferrite beads used for emi/rfi filtering are bulky and ineffective at low frequencies and have saturation problems at high frequencies. resistor-capacitor applications  emi/rfi filter  low pass filter  lcd panel display filters c1200600 schematic configuara6tion networks offer the best technical approach for effective emi/rfi filtering. conventional thick film-based emi/rfi filters do not effectively suppress noise at high frequen- cies due to the fact that emi/rfi filters using thick film technology have high parasitic inductance which becomes the dominant component of the capacitor?s impedance past resonance, and therefore significantly affects high frequency performance of the filter. camd?s prc200/210 tapped filter is fabricated on a silicon substrate using advanced thin film technology. these emi/rfi filters have very low parasitic inductance and suppress emi/rfi noise at low and high frequencies to well above 1000 mhz. 20 19 18 17 16 15 14 13 12 11 12345678910 n o i t a m r o f n i g n i r e d r o t r a p d r a d n a t s e g a k c a pr e b m u n t r a p g n i r e d r o e d o c c rs n i pe l y t ss e b u tl e e r & e p a tg n i k r a m t r a p t 0 7 4 / 0 5 10 2c i o st / m 0 7 4 / k 0 5 1 0 0 2 c r pr / m 0 7 4 / k 0 5 1 0 0 2 c r pm 0 7 4 / k 0 5 1 0 0 2 c r p t 1 0 1 / 0 5 20 2c i o st / m 1 0 1 / k 0 5 2 0 0 2 c r pr / m 1 0 1 / k 0 5 2 0 0 2 c r pm 1 0 1 / k 0 5 2 0 0 2 c r p t 1 8 1 / 0 5 20 2c i o st / m 1 8 1 / k 0 5 2 0 0 2 c r pr / m 1 8 1 / k 0 5 2 0 0 2 c r pm 1 8 1 / k 0 5 2 0 0 2 c r p t 1 0 2 / 0 5 20 2c i o st / m 1 0 2 / k 0 5 2 0 0 2 c r pr / m 1 0 2 / k 0 5 2 0 0 2 c r pm 1 0 2 / k 0 5 2 0 0 2 c r p t 1 2 2 / 0 7 20 2c i o st / m 1 2 2 / k 0 7 2 0 0 2 c r pr / m 1 2 2 / k 0 7 2 0 0 2 c r pm 1 2 2 / k 0 7 2 0 0 2 c r p obsolete product
?2000 california micro devices corp. all rights reserved. 7/14/2000 215 topaz street, milpitas, california 95035 tel: (408) 263-3214 fax: (408) 263-7846 www.calmicro.com 2 prc200/210 california micro devices s n o i t a c i f i c e p s d r a d n a t s ) r ( e c n a r e l o t e t u l o s b a% 0 1 ) c ( e c n a r e l o t e t u l o s b a% 0 2 e g n a r e r u t a r e p m e t g n i t a r e p oc 0 7 o t c 0 r o t s i s e r / g n i t a r r e w o p w m 0 0 1 e r u t a r e p m e t e g a r o t sc 0 5 1 o t c 5 6 - g n i t a r r e w o p e g a k c a p. x a m , w 0 0 . 1 n o i t a m r o f n i g n i r e d r o t r a p d r a d n a t s e g a k c a pr e b m u n t r a p g n i r e d r o e d o c c rs n i pe l y t ss e b u tl e e r & e p a tg n i k r a m t r a p t 0 0 5 / 0 0 40 2c i o st / m 0 0 5 / k 0 0 4 0 0 2 c r pr / m 0 0 5 / k 0 0 4 0 0 2 c r pm 0 0 5 / k 0 0 4 0 0 2 c r p t 0 3 3 / 0 7 40 2c i o st / m 0 3 3 / k 0 7 4 0 0 2 c r pr / m 0 3 3 / k 0 7 4 0 0 2 c r pm 0 3 3 / k 0 7 4 0 0 2 c r p t 1 0 1 / 1 0 10 2c i o st / m 1 0 1 / k 1 0 1 0 0 2 c r pr / m 1 0 1 / k 1 0 1 0 0 2 c r pm 1 0 1 / k 1 0 1 0 0 2 c r p t 0 7 4 / 0 5 10 2p o s qt / m 0 7 4 / k 0 5 1 0 1 2 c r pr / m 0 7 4 / k 0 5 1 0 1 2 c r pm 0 7 4 / k 0 5 1 0 1 2 c r p t 1 0 1 / 0 5 20 2p o s qt / m 1 0 1 / k 0 5 2 0 1 2 c r pr / m 1 0 1 / k 0 5 2 0 1 2 c r pm 1 0 1 / k 0 5 2 0 1 2 c r p t 1 8 1 / 0 5 20 2p o s qt / m 1 8 1 / k 0 5 2 0 1 2 c r pr / m 1 8 1 / k 0 5 2 0 1 2 c r pm 1 8 1 / k 0 5 2 0 1 2 c r p t 1 0 2 / 0 5 20 2p o s qt / m 1 0 2 / k 0 5 2 0 1 2 c r pr / m 1 0 2 / k 0 5 2 0 1 2 c r pm 1 0 2 / k 0 5 2 0 1 2 c r p t 1 2 2 / 0 7 20 2p o s qt / m 1 2 2 / k 0 7 2 0 1 2 c r pr / m 1 2 2 / k 0 7 2 0 1 2 c r pm 1 2 2 / k 0 7 2 0 1 2 c r p t 0 0 5 / 0 0 40 2p o s qt / m 0 0 5 / k 0 0 4 0 1 2 c r pr / m 0 0 5 / k 0 0 4 0 1 2 c r pm 0 0 5 / k 0 0 4 0 1 2 c r p t 0 3 3 / 0 7 40 2p o s qt / m 0 3 3 / k 0 7 4 0 1 2 c r pr / m 0 3 3 / k 0 7 4 0 1 2 c r pm 0 3 3 / k 0 7 4 0 1 2 c r p t 1 0 1 / 1 0 10 2p o s qt / m 1 0 1 / k 1 0 1 0 1 2 c r pr / m 1 0 1 / k 1 0 1 0 1 2 c r pm 1 0 1 / k 1 0 1 0 1 2 c r p n o i t a m r o f n i g n i r e d r o t r a p d r a d n a t s - n o n ) e l p m a x e ( 1 0 2 c r p x x x 1 tx x x2 t s e i r e s t r a pe d o c re c n a r e l o t re d o c ce c n a r e l o t c c i o s - 0 0 2 c r p% 0 1 - k% 0 1 - k p o s q - 0 1 2 c r p% 0 2 - m% 0 2 - m california micro devices can develop a fully customized solution which embodies the configuration shown in this data sheet or modified to suit specific application requirements. a non-recurring engineering (nre) charge will apply for all fully customized requirements and a minimum order/lot will be required. please direct your detailed circuit configuration and specification requirements to your local camd representative or to the factory for a quotation. s e u l a v d r a d n a t s ( r ? ? ? ? ? ) % 0 1 ) f p ( c % 0 1 n w o d k a e r b e g a t l o v ) x a m ( c r e d o c * d b 3 @ c f 5 17 4v 6 5 1t 0 7 4 / 0 5 1z h m 6 2 2 5 20 0 1v 5 5 1t 1 0 1 / 0 5 2z h m 4 6 5 20 8 1v 4 7t 1 8 1 / 0 5 2z h m 5 3 5 20 0 2v 4 6t 1 0 2 / 0 5 2z h m 2 3 7 20 2 2v 6 5t 1 2 2 / 0 7 2z h m 7 2 0 40 5v 9 4 1t 0 0 5 / 0 0 4z h m 0 8 7 43 3v 9 2 2t 0 3 3 / 0 7 4z h m 3 0 1 0 0 10 0 1v 5 5 1t 1 0 1 / 1 0 1z h m 6 1 s n o i t a c i f i c e p s d r a d n a t s - n o n ) r ( e c n a r e l o t e t u l o s b a% 0 1 ) c ( e c n a r e l o t e t u l o s b a% 0 1 s e u l a v d r a d n a t s - n o n e g n a r e c n a t s i s e r0 1 ? 0 0 1 o t ? e g n a r e c n a t i c a p a cf p 0 8 1 o t f p 5 1 * with 0 source imedance. obsolete product


▲Up To Search▲   

 
Price & Availability of PRC200101K101MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X